Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 565Page - Renesas Technology Corp SH7261 Datasheet HTML 566Page - Renesas Technology Corp SH7261 Datasheet HTML 567Page - Renesas Technology Corp SH7261 Datasheet HTML 568Page - Renesas Technology Corp SH7261 Datasheet HTML 569Page - Renesas Technology Corp SH7261 Datasheet HTML 570Page - Renesas Technology Corp SH7261 Datasheet HTML 571Page - Renesas Technology Corp SH7261 Datasheet HTML 572Page - Renesas Technology Corp SH7261 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 537 of 1312
REJ09B0320-0200
12.5
Interrupt Sources
12.5.1
Interrupt Sources and Priorities
There are three kinds of MTU2 interrupt source; TGR input capture/compare match, TCNT
overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disabled
bit, allowing the generation of interrupt request signals to be enabled or disabled individually.
When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the
corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The
interrupt request is cleared by clearing the status flag to 0.
Relative channel priorities can be changed by the interrupt controller, however the priority order
within a channel is fixed. For details, see section 6, Interrupt Controller (INTC).
Table 12.57 lists the MTU2 interrupt sources.
Table 12.57 MTU2 Interrupts
Channel
Name
Interrupt Source
Interrupt Flag
DMAC
Activation
Priority
0
TGIA_0
TGRA_0 input capture/compare match
TGFA_0
Possible
High
TGIB_0
TGRB_0 input capture/compare match
TGFB_0
Not possible
TGIC_0
TGRC_0 input capture/compare match
TGFC_0
Not possible
TGID_0
TGRD_0 input capture/compare match
TGFD_0
Not possible
TCIV_0
TCNT_0 overflow
TCFV_0
Not possible
TGIE_0
TGRE_0 compare match
TGFE_0
Not possible
TGIF_0
TGRF_0 compare match
TGFF_0
Not possible
1
TGIA_1
TGRA_1 input capture/compare match
TGFA_1
Possible
TGIB_1
TGRB_1 input capture/compare match
TGFB_1
Not possible
TCIV_1
TCNT_1 overflow
TCFV_1
Not possible
TCIU_1
TCNT_1 underflow
TCFU_1
Not possible
2
TGIA_2
TGRA_2 input capture/compare match
TGFA_2
Possible
TGIB_2
TGRB_2 input capture/compare match
TGFB_2
Not possible
TCIV_2
TCNT_2 overflow
TCFV_2
Not possible
TCIU_2
TCNT_2 underflow
TCFU_2
Not possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com