Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 567Page - Renesas Technology Corp SH7261 Datasheet HTML 568Page - Renesas Technology Corp SH7261 Datasheet HTML 569Page - Renesas Technology Corp SH7261 Datasheet HTML 570Page - Renesas Technology Corp SH7261 Datasheet HTML 571Page - Renesas Technology Corp SH7261 Datasheet HTML 572Page - Renesas Technology Corp SH7261 Datasheet HTML 573Page - Renesas Technology Corp SH7261 Datasheet HTML 574Page - Renesas Technology Corp SH7261 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 539 of 1312
REJ09B0320-0200
12.5.2
DMAC Activation
The DMAC can be activated by the TGRA input capture/compare match interrupt in each channel.
For details, see section 11, Direct Memory Access Controller (DMAC).
In the MTU2, a total of five TGRA input capture/compare match interrupts can be used as DMAC
activation sources, one each for channels 0 to 4.
12.5.3
A/D Converter Activation
The A/D converter can be activated by one of the following three methods in the MTU2. Table
12.58 shows the relationship between interrupt sources and A/D converter start request signals.
(1)
A/D Converter Activation by TGRA Input Capture/Compare Match or at TCNT_4
Trough in Complementary PWM Mode
The A/D converter can be activated by the occurrence of a TGRA input capture/compare match in
each channel. In addition, if complementary PWM operation is performed while the TTGE2 bit in
TIER_4 is set to 1, the A/D converter can be activated at the trough of TCNT_4 count (TCNT_4 =
H'0000).
A/D converter start request signal TRGAN is issued to the A/D converter under either one of the
following conditions.
• When the TGFA flag in TSR is set to 1 by the occurrence of a TGRA input capture/compare
match on a particular channel while the TTGE bit in TIER is set to 1
• When the TCNT_4 count reaches the trough (TCNT_4 = H'0000) during complementary
PWM operation while the TTGE2 bit in TIER_4 is set to 1
When either condition is satisfied, if A/D converter start signal TRGAN from the MTU2 is
selected as the trigger in the A/D converter, A/D conversion will start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com