| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 570 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 570 Page - Renesas Technology Corp |
|
570 / 1348 page ![]() Section 12 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 Sep. 07, 2007 Page 538 of 1312 REJ09B0320-0200 Channel Name Interrupt Source Interrupt Flag DMAC Activation Priority 3 TGIA_3 TGRA_3 input capture/compare match TGFA_3 Possible High TGIB_3 TGRB_3 input capture/compare match TGFB_3 Not possible TGIC_3 TGRC_3 input capture/compare match TGFC_3 Not possible TGID_3 TGRD_3 input capture/compare match TGFD_3 Not possible TCIV_3 TCNT_3 overflow TCFV_3 Not possible 4 TGIA_4 TGRA_4 input capture/compare match TGFA_4 Possible TGIB_4 TGRB_4 input capture/compare match TGFB_4 Not possible TGIC_4 TGRC_4 input capture/compare match TGFC_4 Not possible TGID_4 TGRD_4 input capture/compare match TGFD_4 Not possible TCIV_4 TCNT_4 overflow/underflow TCFV_4 Not possible 5 TGIU_5 TGRU_5 input capture/compare match TGFU_5 Not possible TGIV_5 TGRV_5 input capture/compare match TGFV_5 Not possible TGIW_5 TGRW_5 input capture/compare match TGFW_5 Not possible Low Note: This table shows the initial state immediately after a reset. The relative channel priorities can be changed by the interrupt controller. (1) Input Capture/Compare Match Interrupt An interrupt is requested if the TGIE bit in TIER is set to 1 when the TGF flag in TSR is set to 1 by the occurrence of a TGR input capture/compare match on a particular channel. The interrupt request is cleared by clearing the TGF flag to 0. The MTU2 has 21 input capture/compare match interrupts, six for channel 0, four each for channels 3 and 4, two each for channels 1 and 2, and three for channel 5. The TGFE_0 and TGFF_0 flags in channel 0 are not set by the occurrence of an input capture. (2) Overflow Interrupt An interrupt is requested if the TCIEV bit in TIER is set to 1 when the TCFV flag in TSR is set to 1 by the occurrence of TCNT overflow on a channel. The interrupt request is cleared by clearing the TCFV flag to 0. The MTU2 has five overflow interrupts, one for each channel. (3) Underflow Interrupt An interrupt is requested if the TCIEU bit in TIER is set to 1 when the TCFU flag in TSR is set to 1 by the occurrence of TCNT underflow on a channel. The interrupt request is cleared by clearing the TCFU flag to 0. The MTU2 has two underflow interrupts, one each for channels 1 and 2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |