Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 570Page - Renesas Technology Corp SH7261 Datasheet HTML 571Page - Renesas Technology Corp SH7261 Datasheet HTML 572Page - Renesas Technology Corp SH7261 Datasheet HTML 573Page - Renesas Technology Corp SH7261 Datasheet HTML 574Page - Renesas Technology Corp SH7261 Datasheet HTML 575Page - Renesas Technology Corp SH7261 Datasheet HTML 576Page - Renesas Technology Corp SH7261 Datasheet HTML 577Page - Renesas Technology Corp SH7261 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 542 of 1312
REJ09B0320-0200
P
φ
External
clock
TCNT input
clock
TCNT
Rising edge
Falling edge
N - 1
N
N - 1
Figure 12.86 Count Timing in External Clock Operation (Phase Counting Mode)
(2)
Output Compare Output Timing
A compare match signal is generated in the final state in which TCNT and TGR match (the point
at which the count value matched by TCNT is updated). When a compare match signal is
generated, the output value set in TIOR is output at the output compare output pin (TIOC pin).
After a match between TCNT and TGR, the compare match signal is not generated until the
TCNT input clock is generated.
Figure 12.87 shows output compare output timing (normal mode and PWM mode) and figure
12.88 shows output compare output timing (complementary PWM mode and reset synchronous
PWM mode).
TGR
TCNT
TCNT input
clock
N
N
N + 1
Compare
match signal
TIOC pin
P
φ
Figure 12.87 Output Compare Output Timing (Normal Mode/PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com