Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 569Page - Renesas Technology Corp SH7261 Datasheet HTML 570Page - Renesas Technology Corp SH7261 Datasheet HTML 571Page - Renesas Technology Corp SH7261 Datasheet HTML 572Page - Renesas Technology Corp SH7261 Datasheet HTML 573Page - Renesas Technology Corp SH7261 Datasheet HTML 574Page - Renesas Technology Corp SH7261 Datasheet HTML 575Page - Renesas Technology Corp SH7261 Datasheet HTML 576Page - Renesas Technology Corp SH7261 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 541 of 1312
REJ09B0320-0200
12.6
Operation Timing
12.6.1
Input/Output Timing
(1)
TCNT Count Timing
Figures 12.83 and 12.84 show TCNT count timing in internal clock operation, and figure 12.85
shows TCNT count timing in external clock operation (normal mode), and figure 12.86 shows
TCNT count timing in external clock operation (phase counting mode).
TCNT
TCNT input
clock
Internal clock
P
φ
Falling edge
Rising edge
N - 1
N
N + 1
Figure 12.83 Count Timing in Internal Clock Operation (Channels 0 to 4)
TCNT
TCNT input
clock
Internal clock
P
φ
Rising edge
N - 1
N
Figure 12.84 Count Timing in Internal Clock Operation (Channel 5)
P
φ
TCNT
TCNT input
clock
External clock
Falling edge
Rising edge
N - 1
N
N + 1
Figure 12.85 Count Timing in External Clock Operation (Channels 0 to 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com