Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 670Page - Renesas Technology Corp SH7261 Datasheet HTML 671Page - Renesas Technology Corp SH7261 Datasheet HTML 672Page - Renesas Technology Corp SH7261 Datasheet HTML 673Page - Renesas Technology Corp SH7261 Datasheet HTML 674Page - Renesas Technology Corp SH7261 Datasheet HTML 675Page - Renesas Technology Corp SH7261 Datasheet HTML 676Page - Renesas Technology Corp SH7261 Datasheet HTML 677Page - Renesas Technology Corp SH7261 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 642 of 1312
REJ09B0320-0200
Register Name
Abbreviation
R/W
Initial Value
Address
Access
Size
RTC control register 1
RCR1
R/W
H'00
H'FFFE081C
8
RTC control register 2
RCR2
R/W
H'09
H'FFFE081E
8
RTC control register 3
RCR3
R/W
H'00
H'FFFE0824
8
15.3.1
64-Hz Counter (R64CNT)
R64CNT indicates the state of the divider circuit between 64 Hz and 1 Hz.
Reading this register, when carry from 128-Hz divider stage is generated, sets the CF bit in the
RTC control register 1 (RCR1) to 1 so that the carrying and reading 64 Hz counter are performed
at the same time is indicated. In this case, the R64CNT should be read again after writing 0 to the
CF bit in RCR1 since the read value is not valid.
After the RESET bit or ADJ bit in the RTC control register 2 (RCR2) is set to 1, the RTC divider
circuit is initialized and R64CNT is initialized to H'00.
R64CNT is not initialized by a power-on reset or manual reset, or in deep standby and software
standby modes.
0
1
2
3
4
5
6
7
0
R
R
R
R
R
R
R
R
Bit:
Initial value:
R/W:
—
———————
1Hz
2Hz
4Hz
8Hz
16Hz 32Hz 64Hz
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
1 Hz
Undefined
R
5
2 Hz
Undefined
R
4
4 Hz
Undefined
R
3
8 Hz
Undefined
R
2
16 Hz
Undefined
R
1
32 Hz
Undefined
R
0
64 Hz
Undefined
R
Indicate the state of the divider circuit between
64 Hz and 1 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com