Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 675 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 675 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 671Page - Renesas Technology Corp SH7261 Datasheet HTML 672Page - Renesas Technology Corp SH7261 Datasheet HTML 673Page - Renesas Technology Corp SH7261 Datasheet HTML 674Page - Renesas Technology Corp SH7261 Datasheet HTML 675Page - Renesas Technology Corp SH7261 Datasheet HTML 676Page - Renesas Technology Corp SH7261 Datasheet HTML 677Page - Renesas Technology Corp SH7261 Datasheet HTML 678Page - Renesas Technology Corp SH7261 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 643 of 1312
REJ09B0320-0200
15.3.2
Second Counter (RSECCNT)
RSECCNT is used for setting/counting in the BCD-coded second section. The count operation is
performed by a carry for each second of the 64-Hz counter.
The assignable range is from 00 through 59 (practically in BCD), otherwise operation errors
occur. Carry out write processing after stopping the count operation through the setting of the
START bit in RCR2.
RSECCNT is not initialized by a power-on reset or manual reset, or in deep standby and software
standby modes.
0
1
2
3
4
5
6
7
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Bit:
Initial value:
R/W:
—
———————
10 seconds
1 second
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
10 seconds
Undefined
R/W
Counting Ten's Position of Seconds
Counts on 0 to 5 for 60-seconds counting.
3 to 0
1 second
Undefined
R/W
Counting One's Position of Seconds
Counts on 0 to 9 once per second. When a carry is
generated, 1 is added to the ten's position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com