Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 668Page - Renesas Technology Corp SH7261 Datasheet HTML 669Page - Renesas Technology Corp SH7261 Datasheet HTML 670Page - Renesas Technology Corp SH7261 Datasheet HTML 671Page - Renesas Technology Corp SH7261 Datasheet HTML 672Page - Renesas Technology Corp SH7261 Datasheet HTML 673Page - Renesas Technology Corp SH7261 Datasheet HTML 674Page - Renesas Technology Corp SH7261 Datasheet HTML 675Page - Renesas Technology Corp SH7261 Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1348 page
background image
Section 15 Realtime Clock (RTC)
Rev. 2.00 Sep. 07, 2007 Page 640 of 1312
REJ09B0320-0200
Figure 15.1 shows the block diagram of RTC.
RHRCNT
RSECCNT:
RMINCNT:
RHRCNT:
RWKCNT:
RDAYCNT:
RMONCNT:
RYRCNT:
R64CNT:
RCR1:
Second counter (8 bits)
Minute counter (8 bits)
Hour counter (8 bits)
Day of week counter (8 bits)
Date counter (8 bits)
Month counter (8 bits)
Year counter (16 bits)
64-Hz counter (8 bits)
RTC control register 1 (8 bits)
RMINCNT
Interrupt
control circuit
RDAYCNT
RYRCNT
RMONCNT
Oscillator
circuit
RTC_X1
RTC_X2
RCR2
RCR3
RWKCNT
RHRAR
RMINAR
RDAYAR
RWKAR
Externally
connected
circuit
Prescaler
32.768 kHz
128 Hz
ARM
PRD
CUP
RCR1
RTC operation
control circuit
R64CNT
RSECCNT
RSECAR
Count
Interrupt
signals
RSECAR:
RMINAR:
RHRAR:
RWKAR:
RDAYAR:
RMONAR:
RYRAR:
RCR2:
RCR3:
Second alarm register (8 bits)
Minute alarm registger (8 bits)
Hour alarm register (8 bits)
Day of week alarm register (8 bits)
Date alarm register (8 bits)
Month alarm register (8 bits)
Year alarm register (16 bits)
RTC control register 2 (8 bits)
RTC control register 3 (8 bits)
RMONAR
RYRAR
[Legend]
Figure 15.1 RTC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com