Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 821Page - Renesas Technology Corp SH7261 Datasheet HTML 822Page - Renesas Technology Corp SH7261 Datasheet HTML 823Page - Renesas Technology Corp SH7261 Datasheet HTML 824Page - Renesas Technology Corp SH7261 Datasheet HTML 825Page - Renesas Technology Corp SH7261 Datasheet HTML 826Page - Renesas Technology Corp SH7261 Datasheet HTML 827Page - Renesas Technology Corp SH7261 Datasheet HTML 828Page - Renesas Technology Corp SH7261 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 793 of 1312
REJ09B0320-0200
When the SSI module acts as a transmitter, each word written to SSITDR is transmitted to the
serial audio bus in the order they are written. When the SSI module acts as a receiver, each word
received by the serial audio bus is read in the order received from the SSIRDR register.
Figures 18.7 to 18.9 show how 2, 3 and 4 channels are transferred to the serial audio bus. Note that
there are no padding bits in the first example, the second example is left-aligned and the third is
right-aligned. This selection is arbitrary and is just for demonstration purposes only.
MSB
LSB
Data
word 1
MSB
LSB MSB
LSB MSB
LSB
Data
word 2
Data
word 3
Data
word 4
System word 1
System word 2
MSB
LSB
Data
word 1
MSB
LSB MSB
LSB MSB
LSB
Data
word 2
Data
word 3
Data
word 4
System word 1
System word 2
LSB
MSB
SSISCK
SSIWS
SSIDATA
SCKP = 0, SWSP = 0, DEL = 1, CHNL = 01, SPDP = don't care, SDTA = don't care
System word length = data word length
× 2
Figure 18.7 Multichannel Format (2 Channels Without Padding)
MSB
LSB
System word 2
Data
word 1
MSB
LSB MSB
LSB
MSB
Data
word 2
Data
word 3
System word 1
MSB
LSB MSB
LSB MSB
LSB
Data
word 4
Data
word 5
Data
word 6
SSISCK
SSIWS
SSIDATA
SCKP = 0, SWSP = 0, DEL = 1, CHNL = 10, SPDP = 1, SDTA = 0
System word length = data word length
× 3
Figure 18.8 Multichannel Format (3 Channels with High Padding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com