Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 823 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 823 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 819Page - Renesas Technology Corp SH7261 Datasheet HTML 820Page - Renesas Technology Corp SH7261 Datasheet HTML 821Page - Renesas Technology Corp SH7261 Datasheet HTML 822Page - Renesas Technology Corp SH7261 Datasheet HTML 823Page - Renesas Technology Corp SH7261 Datasheet HTML 824Page - Renesas Technology Corp SH7261 Datasheet HTML 825Page - Renesas Technology Corp SH7261 Datasheet HTML 826Page - Renesas Technology Corp SH7261 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 791 of 1312
REJ09B0320-0200
(6)
Multi-channel Formats
Some devices extend the definition of the specification by Philips and allow more than 2 channels
to be transferred within two system words.
The SSI module supports the transfer of 2, 3 and 4 channels by using the CHNL, SWL and DWL
bits only when the system word length (SWL) is greater than or equal to the data word length
(DWL) multiplied by channels (CHNL).
Table 18.4 shows the number of padding bits for each of the valid setting. If setting is not valid,
"
" is indicated instead of a number.
Table 18.4
The Number of Padding Bits for Each Valid Setting
Padding Bits
Per System Word
DWL[2:0] 000
001
010
011
100
101
110
CHNL
[1:0]
Decoded
Channels
per
System
Word
SWL
[2:0]
Decoded
Word
Length
8
16
18
20
22
24
32
000
8
0
001
16
8
0
010
24
16
8
6
4
2
0
011
32
24
16
14
12
10
8
0
100
48
40
32
30
28
26
24
16
101
64
56
48
46
44
42
40
32
110
128
120
112
110
108
106
104
96
00
1
111
256
248
240
238
236
234
232
224
000
8
001
16
0
010
24
8
011
32
16
0
100
48
32
16
12
8
4
0
101
64
48
32
28
24
20
16
0
110
128
112
96
92
88
84
80
64
01
2
111
256
240
224
220
216
212
208
192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com