Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 816Page - Renesas Technology Corp SH7261 Datasheet HTML 817Page - Renesas Technology Corp SH7261 Datasheet HTML 818Page - Renesas Technology Corp SH7261 Datasheet HTML 819Page - Renesas Technology Corp SH7261 Datasheet HTML 820Page - Renesas Technology Corp SH7261 Datasheet HTML 821Page - Renesas Technology Corp SH7261 Datasheet HTML 822Page - Renesas Technology Corp SH7261 Datasheet HTML 823Page - Renesas Technology Corp SH7261 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 788 of 1312
REJ09B0320-0200
18.4.2
Non-Compressed Modes
The non-compressed modes support all serial audio streams split into channels. It supports Philips,
Sony and Matsushita modes as well as many more variants on these modes.
(1)
Slave Receiver
This mode allows the module to receive serial data from another device. The clock and word
select signal used for the serial data stream is also supplied from an external device. If these
signals do not conform to the format specified in the configuration fields of the SSI module,
operation is not guaranteed.
(2)
Slave Transmitter
This mode allows the module to transmit serial data to another device. The clock and word select
signal used for the serial data stream is also supplied from an external device. If these signals do
not conform to the format specified in the configuration fields of the SSI module, operation is not
guaranteed.
(3)
Master Receiver
This mode allows the module to receive serial data from another device. The clock and word
select signals are internally derived from the AUDIO_CLK input clock. The format of these
signals is defined in the configuration fields of the SSI module. If the incoming data does not
follow the configured format, operation is not guaranteed.
(4)
Master Transmitter
This mode allows the module to transmit serial data to another device. The clock and word select
signals are internally derived from the AUDIO_CLK input clock. The format of these signals is
defined in the configuration fields of the SSI module.
(5)
Operating Setting Related to Word Length
All bits related to the SSICR's word length are valid in non-compressed modes. There are many
configurations the SSI module supports, but some of the combinations are shown below for the
popular formats by Philips, Sony, and Matsushita.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com