Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 812Page - Renesas Technology Corp SH7261 Datasheet HTML 813Page - Renesas Technology Corp SH7261 Datasheet HTML 814Page - Renesas Technology Corp SH7261 Datasheet HTML 815Page - Renesas Technology Corp SH7261 Datasheet HTML 816Page - Renesas Technology Corp SH7261 Datasheet HTML 817Page - Renesas Technology Corp SH7261 Datasheet HTML 818Page - Renesas Technology Corp SH7261 Datasheet HTML 819Page - Renesas Technology Corp SH7261 Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 784 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
24
DIRQ
0
R
Data Interrupt Status Flag
This status flag indicates that the module has data to
be read or requires data to be written.
In either case this bit is set to 1 regardless of the value
of the DIEN bit to allow polling.
The interrupt can be masked by clearing DIEN, but
cannot be cleared by writing to this bit.
If DIRQ= 1 and DIEN = 1, an interrupt occurs.
• TRMD = 0 (Receive mode)
0: No unread data in SSIRDR
1: Unread data in SSIRDR
• TRMD = 1 (Transmit mode)
0: Transmit buffer is full.
1: Transmit buffer is empty and requires data to be
written to SSITDR.
23 to 4
Undefined
R
Reserved
The read value is not guaranteed. The write value
should always be 0.
3, 2
CHNO[1:0]
00
R
Channel Number
This value indicates the current channel number.
• TRMD = 0 (Receive mode)
CHNO indicates which channel the data in SSIRDR
currently represents. This value will change as the
data in SSIRDR is updated from the shift register.
• TRMD = 1 (Transmit mode)
CHNO indicates which channel is required to be
written to SSITDR. This value will change as the
data is copied to the shift register, regardless of
whether the data is written to SSITDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com