Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 813 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 813 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 809Page - Renesas Technology Corp SH7261 Datasheet HTML 810Page - Renesas Technology Corp SH7261 Datasheet HTML 811Page - Renesas Technology Corp SH7261 Datasheet HTML 812Page - Renesas Technology Corp SH7261 Datasheet HTML 813Page - Renesas Technology Corp SH7261 Datasheet HTML 814Page - Renesas Technology Corp SH7261 Datasheet HTML 815Page - Renesas Technology Corp SH7261 Datasheet HTML 816Page - Renesas Technology Corp SH7261 Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 781 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
MUEN
0
R/W
Mute Enable
0: Module is not muted.
1: Module is muted.
2
0
R
Reserved
The read value is undefined. The write value should
always be 0.
1
TRMD
0
R/W
Transmit/Receive Mode Select
0: Module is in receive mode.
1: Module is in transmit mode.
0
EN
0
R/W
SSI Module Enable
0: Module is disabled.
1: Module is enabled.
18.3.2
Status Register (SSISR)
SSISR consists of status flags indicating the operational status of the SSI module and bits
indicating the current channel numbers and word numbers.
SSISR is initialized to H'02000003 by a power-on reset or in deep standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
Notes: 1. This bit can be read from or written to. Writing 0 initializes the bit, but writing 1 is ignored.
2. The SSI clock must be kept supplied until the SSI is in the idle state.
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
000000
1*2
0
RRRR
R/W*1 R/W*1 RRRRRRRRRR
001
1*2
RRRRRRRRRRRRRRRR
—
—
—
DMRQ UIRQ OIRQ IIRQ DIRQ
—
—
——————
————————————
————————
————————————
CHNO[1:0] SWNO IDST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com