Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 805Page - Renesas Technology Corp SH7261 Datasheet HTML 806Page - Renesas Technology Corp SH7261 Datasheet HTML 807Page - Renesas Technology Corp SH7261 Datasheet HTML 808Page - Renesas Technology Corp SH7261 Datasheet HTML 809Page - Renesas Technology Corp SH7261 Datasheet HTML 810Page - Renesas Technology Corp SH7261 Datasheet HTML 811Page - Renesas Technology Corp SH7261 Datasheet HTML 812Page - Renesas Technology Corp SH7261 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 777 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
15
SCKD
0
R/W
Serial Bit Clock Direction
0: Serial bit clock is input, slave mode.
1: Serial bit clock is output, master mode.
Note: SSI0 and SSI1 permit only the following setting:
(SCKD, SWSD) = (0,0) and (1,1). Other settings
are prohibited.
14
SWSD
0
R/W
Serial WS Direction
0: Serial word select is input, slave mode.
1: Serial word select is output, master mode.
Note: SSI0 and SSI1 permit only the following setting:
(SCKD, SWSD) = (0,0) and (1,1). Other settings
are prohibited.
13
SCKP
0
R/W
Serial Bit Clock Polarity
0: SSIWS and SSIDATA change at the SSISCK falling
edge (sampled at the SCK rising edge).
1: SSIWS and SSIDATA change at the SSISCK rising
edge (sampled at the SCK falling edge).
SCKP = 0
SCKP = 1
SSIDATA input sampling timing at
the time of reception (TRMD = 0)
SSISCK rising
edge
SSISCK falling
edge
SSIDATA output change timing at
the time of transmission (TRMD = 1)
SSISCK falling
edge
SSISCK rising
edge
SSIWS input sampling timing at
the time of slave mode (SWSD = 0)
SSISCK rising
edge
SSISCK falling
edge
SSIWS output change timing at
the time of master mode (SWSD = 1)
SSISCK falling
edge
SSISCK rising
edge
12
SWSP
0
R/W
Serial WS Polarity
0: SSIWS is low for 1st channel, high for 2nd channel.
1: SSIWS is high for 1st channel, low for 2nd channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com