Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 807 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 807 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 803Page - Renesas Technology Corp SH7261 Datasheet HTML 804Page - Renesas Technology Corp SH7261 Datasheet HTML 805Page - Renesas Technology Corp SH7261 Datasheet HTML 806Page - Renesas Technology Corp SH7261 Datasheet HTML 807Page - Renesas Technology Corp SH7261 Datasheet HTML 808Page - Renesas Technology Corp SH7261 Datasheet HTML 809Page - Renesas Technology Corp SH7261 Datasheet HTML 810Page - Renesas Technology Corp SH7261 Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 775 of 1312
REJ09B0320-0200
18.3.1
Control Register (SSICR)
SSICR is a readable/writable 32-bit register that controls the IRQ, selects the polarity status, and
sets operating mode.
SSICR is initialized to H'00000000 by a power-on reset or in deep standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R
R/W
R/W
———
DMEN UIEN OIEN
IIEN
DIEN
CHNL[1:0]
DWL[2:0]
SWL[2:0]
SCKD SWSD SCKP SWSP SPDP SDTA PDTA DEL
—
CKDV[2:0]
MUEN
—
TRMD
EN
Bit
Bit Name
Initial
Value
R/W
Description
31 to 29
All 0
R
Reserved
The read value is not guaranteed. The write value
should always be 0.
28
DMEN
0
R/W
DMA Enable
Enables/disables the DMA request.
0: DMA request is disabled.
1: DMA request is enabled.
27
UIEN
0
R/W
Underflow Interrupt Enable
0: Underflow interrupt is disabled.
1: Underflow Interrupt is enabled.
26
OIEN
0
R/W
Overflow Interrupt Enable
0: Overflow interrupt is disabled.
1: Overflow interrupt is enabled.
25
IIEN
0
R/W
Idle Mode Interrupt Enable
0: Idle mode interrupt is disabled.
1: Idle mode interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com