Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 807Page - Renesas Technology Corp SH7261 Datasheet HTML 808Page - Renesas Technology Corp SH7261 Datasheet HTML 809Page - Renesas Technology Corp SH7261 Datasheet HTML 810Page - Renesas Technology Corp SH7261 Datasheet HTML 811Page - Renesas Technology Corp SH7261 Datasheet HTML 812Page - Renesas Technology Corp SH7261 Datasheet HTML 813Page - Renesas Technology Corp SH7261 Datasheet HTML 814Page - Renesas Technology Corp SH7261 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 779 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
9
PDTA
0
R/W
• DWL = 010, 011, 100, 101 (with a data word length
of 18, 20, 22 or 24 bits), PDTA = 0 (left-aligned)
The data bits used in SSIRDR or SSITDR are the
following:
Bits 31 down to (32 minus the number of bits in the
data word length specified by DWL).
That is, If DWL = 011, the data word length is 20
bits; therefore, bits 31 to 12 in either SSIRDR or
SSITDR are used. All other bits are ignored or
reserved.
• DWL = 010, 011, 100, 101 (with a data word length
of 18, 20, 22 or 24 bits), PDTA = 1 (right-aligned)
The data bits used in SSIRDR or SSITDR are the
following:
Bits (the number of bits in the data word length
specified by DWL minus 1) to 0
i.e. if DWL = 011, then DWL = 20 and bits 19 to 0
are used in either SSIRDR or SSITDR. All other bits
are ignored or reserved.
• DWL = 110 (with a data word length of 32 bits), the
PDTA setting is ignored.
All data bits in SSIRDR or SSITDR are used on the
audio serial bus.
8
DEL
0
R/W
Serial Data Delay
0: 1 clock cycle delay between SSIWS and SSIDATA
1: No delay between SSIWS and SSIDATA
7
0
R
Reserved
The read value is undefined. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com