Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 803 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 803 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 799Page - Renesas Technology Corp SH7261 Datasheet HTML 800Page - Renesas Technology Corp SH7261 Datasheet HTML 801Page - Renesas Technology Corp SH7261 Datasheet HTML 802Page - Renesas Technology Corp SH7261 Datasheet HTML 803Page - Renesas Technology Corp SH7261 Datasheet HTML 804Page - Renesas Technology Corp SH7261 Datasheet HTML 805Page - Renesas Technology Corp SH7261 Datasheet HTML 806Page - Renesas Technology Corp SH7261 Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 771 of 1312
REJ09B0320-0200
Section 18 Serial Sound Interface (SSI)
The serial sound interface (hereinafter referred to as the "SSI") is a transceiver module designed to
send or receive audio data interface with a variety of devices offering Philips format. It also
provides additional modes for other common formats as well as multi-channel mode.
18.1
Features
• Number of channels: Two channels
• Operating mode: Non-compressed mode
 The non-compressed mode supports serial audio streams divided by channels.
• Serves as both a transmitter and a receiver
• Capable of using serial bus format
• Asynchronous transfer takes place between the data buffer and the shift register.
• It is possible to select a value as the dividing ratio for the clock used by the serial but interface.
• It is possible to control data transmission or reception with DMAC and interrupt requests.
• Selects the oversample clock from among the pins AUDIO_CLK, or AUDIO_X1 and
AUDIO_X2.
 External clock frequency input through the pins AUDIO_CLK, or AUDIO_X1 and
AUDIO_X2: 1 to 40 MHz
 Crystal oscillator frequency for the pins AUDIO_X1 and AUDIO_X2: 10 to 25 MHz
Figure 18.1 shows a schematic diagram of the four channels in the SSI module.
SSIWS0
SSISCK0
SSI0
SSIDATA0
SSIWS1
SSISCK1
SSI1
SSIDATA1
AUDIO_X1
AUDIO_X2
AUDIO_CLK
Figure 18.1 Schematic Diagram of SSI Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com