Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 800 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 800 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 796Page - Renesas Technology Corp SH7261 Datasheet HTML 797Page - Renesas Technology Corp SH7261 Datasheet HTML 798Page - Renesas Technology Corp SH7261 Datasheet HTML 799Page - Renesas Technology Corp SH7261 Datasheet HTML 800Page - Renesas Technology Corp SH7261 Datasheet HTML 801Page - Renesas Technology Corp SH7261 Datasheet HTML 802Page - Renesas Technology Corp SH7261 Datasheet HTML 803Page - Renesas Technology Corp SH7261 Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 768 of 1312
REJ09B0320-0200
V
IH
V
IH
V
IH
V
IH
(1) Normal case
Synchronous
clock*1
SCL pin
Slave low
level output
Internal delay*2
Monitored value is high level
Monitored value
is high level
Monitored value
is high level
Internally
monitored SCL
(2) When SCL is driven low at first by the slave device
Synchronous
clock*1
SCL pin
Monitored value
is low level
Monitored value
is low level
Internally
monitored SCL
(3) When the rising speed of SCL is slow
Synchronous
clock*1
SCL pin
Notes: 1. Clock whose transfer rate is set by bits CKS[3:0] in I2C bus control register 1 (ICCR1).
2. 3 to 4 t
pcyc when the NF2CYC bit in NF2CYC is 0 and 4 to 5 tpcyc when the NF2CYC bit is 1.
The rate is slower
than the settings.
Internally
monitored SCL
Time for
monitoring SCL
Time for
monitoring SCL
Time for
monitoring SCL
Time for
monitoring SCL
Time for
monitoring SCL
Internal delay*2
Internal delay*2
SCL not driven to low level
SCL not driven
to low level
Internal delay*2
Figure 17.22 Bit Synchronous Circuit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com