Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 802 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 802 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 798Page - Renesas Technology Corp SH7261 Datasheet HTML 799Page - Renesas Technology Corp SH7261 Datasheet HTML 800Page - Renesas Technology Corp SH7261 Datasheet HTML 801Page - Renesas Technology Corp SH7261 Datasheet HTML 802Page - Renesas Technology Corp SH7261 Datasheet HTML 803Page - Renesas Technology Corp SH7261 Datasheet HTML 804Page - Renesas Technology Corp SH7261 Datasheet HTML 805Page - Renesas Technology Corp SH7261 Datasheet HTML 806Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 770 of 1312
REJ09B0320-0200
17.7
Usage Note
17.7.1
Issuance of Stop Condition and Start Condition (Retransmission)
Issue a start (retransmission) or stop condition after the falling edge of the 9th clock has been
recognized. The falling edge of the 9th clock can be recognized by checking the SCLO bit in the
I
2C bus control register 2 (ICCR2). When a start (retransmission) or stop condition is issued with a
certain timing under the following conditions (1 or 2), the start (retransmission) or stop condition
may not be output correctly. Usage under conditions other than those described below will not
cause any problem.
1. SCL takes longer to rise than the period defined in section 17.6, Bit Synchronous Circuit, due
to the load of the SCL bus (load capacitance or pull-up resistance).
2. The low-level period between the 8th and 9th clock is prolonged by the slave device, which
activates the bit synchronous circuit.
17.7.2
Settings for Multi-Master Operation
1. Transfer rate setting
In multi-master operation, specify a transfer rate of at least 1/1.8 of the fastest transfer rate
among the other masters. For example, when the fastest of the other masters is at 400 kbps, the
IIC transfer rate of this LSI must be specified as 223 kbps (= 400/1.8) or a higher rate.
2. MST and TRS bits in ICCR1
In multi-master operation, use the MOV instruction to set the MST and TRS bits in ICCR1.
3. Loss of arbitration
When arbitration is lost, check whether the MST and TRS bits in ICCR1 are 0. If the MST and
TRS bits in ICCR1 have been set to a value other than 0, clear the bits to 0.
17.7.3
Reading ICDRR in Master Receive Mode
In master receive mode, read ICDRR before the rising edge of the 8th clock of SCL. If ICDRR
cannot be read before the rising edge of the 8th clock so that the next round of reception proceeds
with the RDRF bit in ICSR set to 1, the 8the clock is fixed low and the 9th clock is output.
If ICDRR cannot be read before the rising edge of the 8th clock of SCL, set the RCVD bit in
ICRR1 to 1 so that transfer proceeds in byte units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com