Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 819 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 819 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 815Page - Renesas Technology Corp SH7261 Datasheet HTML 816Page - Renesas Technology Corp SH7261 Datasheet HTML 817Page - Renesas Technology Corp SH7261 Datasheet HTML 818Page - Renesas Technology Corp SH7261 Datasheet HTML 819Page - Renesas Technology Corp SH7261 Datasheet HTML 820Page - Renesas Technology Corp SH7261 Datasheet HTML 821Page - Renesas Technology Corp SH7261 Datasheet HTML 822Page - Renesas Technology Corp SH7261 Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1348 page
background image
Section 18 Serial Sound Interface (SSI)
Rev. 2.00 Sep. 07, 2007 Page 787 of 1312
REJ09B0320-0200
18.4
Operation Description
18.4.1
Bus Format
The SSI module can operate as a transmitter or a receiver and can be configured into many serial
bus formats in either mode.
The bus format can be selected from one of the four major modes shown in table 18.3.
Table 18.3
Bus Format for SSI Module
Non-Compressed
Slave Receiver
Non-Compressed
Slave Transmitter
Non-Compressed
Master Receiver
Non-Compressed
Master Transmitter
TRMD
0
1
0
1
CPEN
0
0
0
0
SCKD
0
0
1
1
SWSD
0
0
1
1
EN
MUEN
DIEN
IIEN
OIEN
UIEN
Control Bits
DEL
PDTA
SDTA
SPDP
SWSP
SCKP
SWL [2:0]
DWL [2:0]
CHNL [1:0]
Configuration Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com