Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 910 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 910 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 906Page - Renesas Technology Corp SH7261 Datasheet HTML 907Page - Renesas Technology Corp SH7261 Datasheet HTML 908Page - Renesas Technology Corp SH7261 Datasheet HTML 909Page - Renesas Technology Corp SH7261 Datasheet HTML 910Page - Renesas Technology Corp SH7261 Datasheet HTML 911Page - Renesas Technology Corp SH7261 Datasheet HTML 912Page - Renesas Technology Corp SH7261 Datasheet HTML 913Page - Renesas Technology Corp SH7261 Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 878 of 1312
REJ09B0320-0200
(2)
Communications Mode
The IEBus has three communications modes with different transfer speeds. Table 20.2 shows the
transfer speed in each communications mode and the maximum number of transfer bytes in one
communications frame.
Table 20.2
Transfer Speed and Maximum Number of Transfer Bytes in Each
Communications Mode
Effective Transfer Speed*
1 (kbps)
Communications
Mode
Maximum Number
of Transfer Bytes
(bytes/frame)
IEB
φ*2 = 6, 12, 18, 24,
30, 36*
3 MHz
IEB
φ*2 = 6.29, 12.58, 18.87,
25.16, 31.45, 37.74*
3 MHz
0
16
About 3.9
About 4.1
1
32
About 17
About 18
2
128
About 26
About 27
Notes:
Each unit connected to the IEBus should select a communications mode prior to
performing communications. Note that correct communications is not guaranteed if the
master and slave units do not adopt the same communications mode.
In the case of communications between a unit with
φ = 6 MHz and a unit with φ = 6.29
MHz, correct communications are not possible even if the same communications mode
is adopted. Communications must be done with the same oscillation frequency.
1. Effective transfer speed when the maximum number of transfer bytes is transmitted.
2. Peripheral clock (P
φ), or clocks for AUDIO_X1 and AUDIO_X2
3. Oscillation frequency when this LSI is used
(3)
Communications Address
In the IEBus, a specific 12-bit communications address is allocated to each individual unit. A
communications address is configured as follows.
• Upper four bits: group number (number identifying a group to which the unit belongs)
• Lower eight bits: unit number (number identifying individual units in a group)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com