Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 912 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 912 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 908Page - Renesas Technology Corp SH7261 Datasheet HTML 909Page - Renesas Technology Corp SH7261 Datasheet HTML 910Page - Renesas Technology Corp SH7261 Datasheet HTML 911Page - Renesas Technology Corp SH7261 Datasheet HTML 912Page - Renesas Technology Corp SH7261 Datasheet HTML 913Page - Renesas Technology Corp SH7261 Datasheet HTML 914Page - Renesas Technology Corp SH7261 Datasheet HTML 915Page - Renesas Technology Corp SH7261 Datasheet HTML 916Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 912 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 880 of 1312
REJ09B0320-0200
20.1.2
Communications Protocol
Figure 20.1 shows an IEBus transfer signal format.
Communications data is transferred as a series of signals referred to as a communications frame.
The number of data which can be transmitted in a single communications frame and the transfer
speed differ according to the communications mode.
(When IEB
φ = 6, 12, 18, 24, 30, or 36 MHz)
PP A
P A
P A
P A
P A
1
Field name
Header
Master
address field
Slave address
field
Approximately 7330
µs
Approximately 2090
µs
Approximately 1590
µs
Approximately 1590
× N µs
Approximately 410
× N µs
Approximately 300
× N µs
Control field
Data field
Message
length field
Number
of bits
Transfer
time
Mode 0
Mode 1
Mode 2
Note: The value of acknowledge bit is ignored in broadcast communications.
P: Parity bit (1 bit)
A: Acknowledge bit (1 bit)
When A = 0: ACK
When A = 1: NAK
N: Number of bytes
1
Start
bit
Master
address
Slave
address
Control
bits
Data
bits
Data
bits
Message
length
bits
Broad-
cast
bit
11
1
4
8
1
1
8
1
1
81
1
11
12
12
Figure 20.1 Transfer Signal Format
(1)
Header
A header is comprised of a start bit and a broadcast bit.
(a)
Start Bit
The start bit is a signal to inform other units of the start of data transfer. A unit attempting to start
data transfer outputs a low-level signal (the start bit) for a specified period and then outputs the
broadcast bit.
If another unit is already outputting a start bit when a unit attempts to output a start bit, the unit
waits for completion of the start bit from the other unit without outputting its own start bit, and
then outputs the broadcast bit synchronized with the completion timing.
Other units enter the receive state after detecting the start bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com