Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 908 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 908 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 904Page - Renesas Technology Corp SH7261 Datasheet HTML 905Page - Renesas Technology Corp SH7261 Datasheet HTML 906Page - Renesas Technology Corp SH7261 Datasheet HTML 907Page - Renesas Technology Corp SH7261 Datasheet HTML 908Page - Renesas Technology Corp SH7261 Datasheet HTML 909Page - Renesas Technology Corp SH7261 Datasheet HTML 910Page - Renesas Technology Corp SH7261 Datasheet HTML 911Page - Renesas Technology Corp SH7261 Datasheet HTML 912Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 876 of 1312
REJ09B0320-0200
20.1.1
IEBus Communications Protocol
An overview of the IEBus is provided below.
• Communications method: Half-duplex asynchronous communications
• Multi-master system
All units connected to the IEBus can transfer data to other units.
• Broadcast communications function (one-to-many communications)
 Group broadcast communications: Broadcast communications to group unit
 General broadcast communications: Broadcast communications to all units
• Mode is selectable (three modes with different transfer speeds)
Table 20.1
Mode Types
Mode
IEB
φ*1 = 6, 12, 18, 24,
30, 36*
2 MHz
IEB
φ*1 = 6.29, 12.58, 18.87,
25.16, 31.45, 37.74*
2 MHz
Maximum Number Of
Transfer Bytes (byte/frame)
0
About 3.9 kbps
About 4.1 kbps
16
1
About 17 kbps
About 18 kbps
32
2
About 26 kbps
About 27 kbps
128
Notes: 1. Peripheral clock (P
φ), or clocks for AUDIO_X1 and AUDIO_X2
2. Oscillation frequency when this LSI is used
• Access control: CSMA/CD (Carrier Sense Multiple Access with Collision Detection)
Priority of bus mastership is as follows.
 Broadcast communications (one-to-many communications) have priority over normal
communications (one-to-one communications).
 A smaller master address has priority.
• Communications scale
 Number of units: Up to 50
 Cable length: Up to 150 m (when using a twisted-pair cable)
Note:
The communications scale of the actual system depends on the characteristics of the
externally mounted IEBus driver/receiver and the cable used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com