Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 916 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 916 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 912Page - Renesas Technology Corp SH7261 Datasheet HTML 913Page - Renesas Technology Corp SH7261 Datasheet HTML 914Page - Renesas Technology Corp SH7261 Datasheet HTML 915Page - Renesas Technology Corp SH7261 Datasheet HTML 916Page - Renesas Technology Corp SH7261 Datasheet HTML 917Page - Renesas Technology Corp SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp SH7261 Datasheet HTML 920Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 916 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 884 of 1312
REJ09B0320-0200
(a)
Master Transmission
The master unit outputs the message length bits and the parity bit. When the parity is even, the
slave unit returns an acknowledgement and enters the following data field. Note that the slave unit
does not return an acknowledgement in broadcast communications.
When the parity is odd, the slave unit decides that the message length field is not correctly
received, does not return an acknowledgement, and returns to the waiting (monitor) state. In this
case, the master unit also returns to the waiting state and communications end.
(b)
Master Reception
The slave unit outputs the message length bits and parity bit. When even parity is confirmed, the
master unit returns an acknowledgement.
When the parity is not correct, the master unit decides that the message length bits are not
correctly received, does not return an acknowledgement, and returns to the waiting state. In this
case, the slave unit also returns to the waiting state and communications end.
(6)
Data Field
The data field is a field for data transmission/reception to and from the slave unit. The master unit
transmits/receives data to and from the slave unit using the data field. The data field is comprised
of data bits, a parity bit, and an acknowledge bit.
The data bits consist of eight bits and the MSB is output first.
The parity and acknowledge bits are output following the data bits from the master unit and slave
unit, respectively.
Broadcast communications are performed only for the transmission of the master unit. In this case,
the acknowledge bit is ignored. Operations in master transmission and master reception are
described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com