Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 919 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 919 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 915Page - Renesas Technology Corp SH7261 Datasheet HTML 916Page - Renesas Technology Corp SH7261 Datasheet HTML 917Page - Renesas Technology Corp SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp SH7261 Datasheet HTML 920Page - Renesas Technology Corp SH7261 Datasheet HTML 921Page - Renesas Technology Corp SH7261 Datasheet HTML 922Page - Renesas Technology Corp SH7261 Datasheet HTML 923Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 887 of 1312
REJ09B0320-0200
(b)
Acknowledge bit at the End of the Control Field
The acknowledge bit at the end of the control field becomes NAK in the following cases and
transfer is stopped.
• When the parity of the control bits is incorrect
• When the bit 3 of the control bits is 1 (data write) although the slave receive buffer* is not
empty
• When the control bits are set to data read (H'3, H'7) although the slave transmit buffer* is
empty
• When another unit which locked the slave unit requests H'3, H'6, H'7, H'A, H'B, H'E, or H'F in
the control bits although the slave unit has been locked
• When the control bits are the locked address read (H'4, H'5) although the unit is not locked
• When a timing error occurs
• When the control bits are undefined
Note:
See section 20.1.3 (1), Slave Status Read (Control Bits: H'0, H'6).
(c)
Acknowledge Bit at the End of the Message Length Field
The acknowledge bit at the end of the message length field becomes NAK in the following cases
and transfer is stopped.
• When the parity of the message length bits is incorrect
• When a timing error occurs
(d)
Acknowledge Bit at the End of the Data Field
The acknowledge bit at the end of the data field becomes NAK in the following cases and transfer
is stopped.
• When the parity of the data bits is incorrect*
• When a timing error occurs after the previous transfer of the acknowledge bit
• When the receive buffer becomes full and cannot accept further data*
Note: * In this case, the data field is transferred repeatedly until the number of data reaches the
maximum number of transfer bytes if the number of data does not exceed the
maximum number of transfer bytes in one frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com