Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 920 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 920 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 916Page - Renesas Technology Corp SH7261 Datasheet HTML 917Page - Renesas Technology Corp SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp SH7261 Datasheet HTML 920Page - Renesas Technology Corp SH7261 Datasheet HTML 921Page - Renesas Technology Corp SH7261 Datasheet HTML 922Page - Renesas Technology Corp SH7261 Datasheet HTML 923Page - Renesas Technology Corp SH7261 Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 888 of 1312
REJ09B0320-0200
20.1.3
Transfer Data (Data Field Contents)
The data field contents are specified by the control bits.
Table 20.4
Control Bit Contents
Setting Value
Bit 3*
1
Bit 2
Bit 1
Bit 0
Function*
2
H'0
0
0
0
0
Reads slave status (SSR)
H'1
0
0
0
1
Undefined. Setting prohibited.
H'2
0
0
1
0
Undefined. Setting prohibited.
H'3
0
0
1
1
Reads data and locks
H'4
0
1
0
0
Reads locked address (lower 8 bits)
H'5
0
1
0
1
Reads locked address (upper 4 bits)
H'6
0
1
1
0
Reads slave status (SSR) and unlocks
H'7
0
1
1
1
Reads data
H'8
1
0
0
0
Undefined. Setting prohibited.
H'9
1
0
0
1
Undefined. Setting prohibited.
H'A
1
0
1
0
Writes command and locks
H'B
1
0
1
1
Writes data and locks
H'C
1
1
0
0
Undefined. Setting prohibited.
H'D
1
1
0
1
Undefined. Setting prohibited.
H'E
1
1
1
0
Writes command
H'F
1
1
1
1
Writes data
Notes: 1. Depending on the value of bit 3 (MSB), the transfer directions of the message length
bits in the following message length field and data in the data field vary.
When bit 3 is 1: Data is transferred from the master unit to the slave unit.
When bit 3 is 0: Data is transferred from the slave unit to the master unit.
2. H'3, H'6, H'A, and H'B are control bits to specify lock setting and cancellation.
When the undefined values of H'1, H'2, H'8, H'9, H'C, and H'D are transmitted, the
acknowledge signal is not returned.
When the control bits received from another unit which locked are not included in table 20.5, the
slave unit which has been locked by the master unit does not accept the control bits and does not
return the acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com