Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 924 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 924 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 920Page - Renesas Technology Corp SH7261 Datasheet HTML 921Page - Renesas Technology Corp SH7261 Datasheet HTML 922Page - Renesas Technology Corp SH7261 Datasheet HTML 923Page - Renesas Technology Corp SH7261 Datasheet HTML 924Page - Renesas Technology Corp SH7261 Datasheet HTML 925Page - Renesas Technology Corp SH7261 Datasheet HTML 926Page - Renesas Technology Corp SH7261 Datasheet HTML 927Page - Renesas Technology Corp SH7261 Datasheet HTML 928Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 924 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 892 of 1312
REJ09B0320-0200
For use of active low signals, levels are reversed from the active high signals.
The synchronous and data periods have approximately the same length.
The IEBus is synchronized bit by bit. The specifications for the time of all bits and the periods
allocated to the bits differ depending on the type of transfer bits and the unit (master or slave unit).
20.1.5
Configuration
Figure 20.5 shows the entire block configuration and table 20.6 lists the functions of each block.
Transmit
data buffer
Peripheral
bus
interface
IEBbus
interface
IEBus
Receive
data buffer
Transmit controller
Register
Peripheral bus
Receive controller
Figure 20.5 IEB Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com