Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 928 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 928 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 924Page - Renesas Technology Corp SH7261 Datasheet HTML 925Page - Renesas Technology Corp SH7261 Datasheet HTML 926Page - Renesas Technology Corp SH7261 Datasheet HTML 927Page - Renesas Technology Corp SH7261 Datasheet HTML 928Page - Renesas Technology Corp SH7261 Datasheet HTML 929Page - Renesas Technology Corp SH7261 Datasheet HTML 930Page - Renesas Technology Corp SH7261 Datasheet HTML 931Page - Renesas Technology Corp SH7261 Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 896 of 1312
REJ09B0320-0200
20.3.1
IEBus Control Register (IECTR)
IECTR is used to control the IEB operation.
IECTR is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R
R/W
R/W
R
R/W
R
R
R
—
IOL
DEE
—
RE
—
—
—
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
IOL
0
R/W
Input/Output Level
Selects input/output pin level (polarity) for the IERxD
and IETxD pins.
0: Pin input/output is set to active low. (Logic 1 is low
level and logic 0 is high level.)
1: Pin input/output is set to active high. (Logic 1 is high
level and logic 0 is low level.)
5
DEE
0
R/W
Broadcast Receive Error Interrupt Enable
If this bit is set to 1, a reception error interrupt occurs
when the receive buffer is not in the receive enabled
state during broadcast reception (when the RE bit is not
set to 1 or the RXBSY flag is set.). At this time, the
master address is stored in IEBus reception master
address register 1 and 2.
While this bit is 0, a reception error interrupt does not
occur when the receive buffer is not in the receive
enabled state, and the reception stops and enters the
wait state. The master address is not saved.
0: A broadcast receive error is not generated up to the
control field.
1: A broadcast receive error is generated up to the
control field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com