Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 926 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 926 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 922Page - Renesas Technology Corp SH7261 Datasheet HTML 923Page - Renesas Technology Corp SH7261 Datasheet HTML 924Page - Renesas Technology Corp SH7261 Datasheet HTML 925Page - Renesas Technology Corp SH7261 Datasheet HTML 926Page - Renesas Technology Corp SH7261 Datasheet HTML 927Page - Renesas Technology Corp SH7261 Datasheet HTML 928Page - Renesas Technology Corp SH7261 Datasheet HTML 929Page - Renesas Technology Corp SH7261 Datasheet HTML 930Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 926 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 894 of 1312
REJ09B0320-0200
20.2
Input/Output Pins
Table 20.7 shows the IEB pin configuration.
Table 20.7
Pin Configuration
Name
Abbreviation
I/O
Function
IEB receive data pin
IERxD
I
Receive data input pin
IEB transmit data pin
IETxD
O
Transmit data output pin
20.3
Register Descriptions
The IEB has the following registers.
Each register, in principle, has 8-bit width and is accessed in 8 bits.
Table 20.8
Register Configuration
Register Name
Abbrevi-
ation
R/W
Initial
Value
Address
Access
Size
IEBus control register
IECTR
R/W
H'00
H'FFFF1000
8
IEBus command register
IECMR
W
H'00
H'FFFF1001
8
IEBus master control register
IEMCR
R/W
H'00
H'FFFF1002
8
IEBus master unit address
register 1
IEAR1
R/W
H'00
H'FFFF1003
8
IEBus master unit address
register 2
IEAR2
R/W
H'00
H'FFFF1004
8
IEBus slave address setting
register 1
IESA1
R/W
H'00
H'FFFF1005
8
IEBus slave address setting
register 2
IESA2
R/W
H'00
H'FFFF1006
8
IEBus transmit message length
register
IETBFL
R/W
H'00
H'FFFF1007
8
IEBus reception master address
register 1
IEMA1
R
H'00
H'FFFF1009
8
IEBus reception master address
register 2
IEMA2
R
H'00
H'FFFF100A
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com