Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 929 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 929 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 925Page - Renesas Technology Corp SH7261 Datasheet HTML 926Page - Renesas Technology Corp SH7261 Datasheet HTML 927Page - Renesas Technology Corp SH7261 Datasheet HTML 928Page - Renesas Technology Corp SH7261 Datasheet HTML 929Page - Renesas Technology Corp SH7261 Datasheet HTML 930Page - Renesas Technology Corp SH7261 Datasheet HTML 931Page - Renesas Technology Corp SH7261 Datasheet HTML 932Page - Renesas Technology Corp SH7261 Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 897 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
RE
0
R/W
Receive Enable
Enables/disables IEB reception. This bit must be set at
the initial setting before frame reception.
0: Reception is disabled.
1: Reception is enabled.
2 to 0
0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20.3.2
IEBus Command Register (IECMR)
IECMR issues commands to control IEB communications. Since this register is a write-only
register, the read value is undefined.
IECMR is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
—————
W
W
W
—————
CMD
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com