Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 929Page - Renesas Technology Corp SH7261 Datasheet HTML 930Page - Renesas Technology Corp SH7261 Datasheet HTML 931Page - Renesas Technology Corp SH7261 Datasheet HTML 932Page - Renesas Technology Corp SH7261 Datasheet HTML 933Page - Renesas Technology Corp SH7261 Datasheet HTML 934Page - Renesas Technology Corp SH7261 Datasheet HTML 935Page - Renesas Technology Corp SH7261 Datasheet HTML 936Page - Renesas Technology Corp SH7261 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 901 of 1312
REJ09B0320-0200
20.3.4
IEBus Master Unit Address Register 1 (IEAR1)
IEAR1 sets the lower four bits of the master unit address and communications mode. In master
communications, the master unit address becomes the master address field value. In slave
communications, the master unit address is compared with the received slave address field.
IEAR1 is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
IARL4
IMD
—
STE
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
IARL4
0000
R/W
Lower 4 Bits of IEBus Master Unit Address
Set the lower 4 bits of the master unit address. This
register becomes the master address field value. In
slave communications, the master unit address is
compared with the received slave address field
3, 2
IMD
00
R/W
IEBus Communications Mode
Set IEBus communications mode.
00: Communications mode 0
01: Communications mode 1
10: Communications mode 2
11: Setting prohibited
1
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com