Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 930 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 930 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 926Page - Renesas Technology Corp SH7261 Datasheet HTML 927Page - Renesas Technology Corp SH7261 Datasheet HTML 928Page - Renesas Technology Corp SH7261 Datasheet HTML 929Page - Renesas Technology Corp SH7261 Datasheet HTML 930Page - Renesas Technology Corp SH7261 Datasheet HTML 931Page - Renesas Technology Corp SH7261 Datasheet HTML 932Page - Renesas Technology Corp SH7261 Datasheet HTML 933Page - Renesas Technology Corp SH7261 Datasheet HTML 934Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 898 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2 to 0
CMD
000
W
Command Bits
These bits issue a command to control IEB
communications. When the CMX flag in IEFLG is set
after the command issuance, the command is indicated
to be in execution. When the CMX flag becomes 0, the
operation state is entered.
000: No operation. Operation is not affected.
001: Unlock (required from other units)*
1
010: Requires communications as the master
011: Stops master communications*
2
100: Undefined bits*
4
101: Requires data transfer from the slave
110: Stops data transfer from the slave*
3
111: Undefined bits*
4
Notes: 1. Do not execute this command in slave communications.
2. This command is valid during master communications (MRQ = 1). In other states, this
command issuance is ignored. If this command is issued in master communications, the
communications controller immediately enters the wait state. At this time, the issued
master transmission request ends (MRQ = 0).
3.
This command is valid during slave communications (SRQ = 1). In other states, this
command issuance is ignored. Once this command is issued in slave transmission, the
SRQ flag is 0 before slave transmission. Therefore, a transmit request from the master
is not responded to. If a transmit request is issued during slave transmission, the
transmission stops and the wait state is entered (SRQ = 0).
4.
Undefined bits. Issuing this command does not affect operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com