Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 935 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 935 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 931Page - Renesas Technology Corp SH7261 Datasheet HTML 932Page - Renesas Technology Corp SH7261 Datasheet HTML 933Page - Renesas Technology Corp SH7261 Datasheet HTML 934Page - Renesas Technology Corp SH7261 Datasheet HTML 935Page - Renesas Technology Corp SH7261 Datasheet HTML 936Page - Renesas Technology Corp SH7261 Datasheet HTML 937Page - Renesas Technology Corp SH7261 Datasheet HTML 938Page - Renesas Technology Corp SH7261 Datasheet HTML 939Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 903 of 1312
REJ09B0320-0200
20.3.6
IEBus Slave Address Setting Register 1 (IESA1)
IESA1 sets the lower four bits of the communications destination slave unit address.
IESA1 is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R
R
R
R
ISAL4
—
—
—
—
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
ISAL4
0000
R/W
Lower 4 Bits of IEBus Slave Address
These bits set the lower 4 bits of the communication
destination slave unit address
3 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20.3.7
IEBus Slave Address Setting Register 2 (IESA2)
IESA2 sets the upper eight bits of the communications destination slave unit address.
IESA2 is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISAU8
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
ISAU8
All 0
R/W
Upper 8 Bits of IEBus Slave Address
Set upper 8 bits of the communications destination
slave unit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com