Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 939 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 939 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 935Page - Renesas Technology Corp SH7261 Datasheet HTML 936Page - Renesas Technology Corp SH7261 Datasheet HTML 937Page - Renesas Technology Corp SH7261 Datasheet HTML 938Page - Renesas Technology Corp SH7261 Datasheet HTML 939Page - Renesas Technology Corp SH7261 Datasheet HTML 940Page - Renesas Technology Corp SH7261 Datasheet HTML 941Page - Renesas Technology Corp SH7261 Datasheet HTML 942Page - Renesas Technology Corp SH7261 Datasheet HTML 943Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 907 of 1312
REJ09B0320-0200
20.3.11
IEBus Receive Control Field Register (IERCTL)
IERCTL indicates the control field value in slave/broadcast reception. This register is enabled
when slave/broadcast receive starts, and the contents are changed at the time of setting the RXS
flag in IERSR. This register cannot be modified.
IERCTL is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
————
RCTL
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3 to 0
RCTL
0000
R
IEBus Receive Control Field
Indicates the control field value in slave/broadcast
reception. This register is enabled when
slave/broadcast reception starts, and the contents are
changed at the time of setting the RXS flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com