Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 942 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 942 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 938Page - Renesas Technology Corp SH7261 Datasheet HTML 939Page - Renesas Technology Corp SH7261 Datasheet HTML 940Page - Renesas Technology Corp SH7261 Datasheet HTML 941Page - Renesas Technology Corp SH7261 Datasheet HTML 942Page - Renesas Technology Corp SH7261 Datasheet HTML 943Page - Renesas Technology Corp SH7261 Datasheet HTML 944Page - Renesas Technology Corp SH7261 Datasheet HTML 945Page - Renesas Technology Corp SH7261 Datasheet HTML 946Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 910 of 1312
REJ09B0320-0200
20.3.15
IEBus General Flag Register (IEFLG)
IEFLG indicates the IEB command execution status, lock status and slave address match, and
broadcast reception detection.
IEFLG is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
CMX MRQ SRQ
SRE
LCK
—
RSS
GG
Bit
Bit Name
Initial
Value
R/W
Description
7
CMX
0
R
Command Execution Status
Indicates the command execution status.
0: Command execution is completed
1: A command is being executed
[Setting condition]
• When a master communications request or slave
transmit request command is issued while the
MRQ, SRQ, or SRE flag is set
[Clearing condition]
• When a command execution has been completed
6
MRQ
0
R
Master Communications Request
Indicates whether the unit is in the communications
request state as a master unit.
0: The unit is not in the communications request state
as a master unit
1: The unit is in the communications request state as a
master unit
[Setting condition]
• When the CMX flag is cleared to 0 after the master
communications request command is issued
[Clearing condition]
• When the master communications have been
completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com