Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 946 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 946 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 942Page - Renesas Technology Corp SH7261 Datasheet HTML 943Page - Renesas Technology Corp SH7261 Datasheet HTML 944Page - Renesas Technology Corp SH7261 Datasheet HTML 945Page - Renesas Technology Corp SH7261 Datasheet HTML 946Page - Renesas Technology Corp SH7261 Datasheet HTML 947Page - Renesas Technology Corp SH7261 Datasheet HTML 948Page - Renesas Technology Corp SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 914 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
TXS
0
R/(W)*
Transmit Start
Indicates that the IEB starts transmission.
[Setting condition]
• During master transmission, the arbitration is won
and the master address field transmission is
completed
[Clearing condition]
• When 1 is written
5
TXF
0
R/(W)*
Transmit Normal Completion
Indicates that data for the number of bytes specified by
the message length bits has been transmitted with no
error.
[Setting condition]
• When data for the number of bytes specified by the
message length bits has been transmitted normally
[Clearing condition]
• When 1 is written
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
TXEAL
0
R/(W)*
Arbitration Loss
The IEB retransmits from the start bit for the number of
times specified by the RN bit in IEMCR if the arbitration
has been lost in master communications. If the
arbitration has been lost for the specified number of
times, the TXEAL is set to enter the wait state. If the
arbitration has been won within retransmit for the
specified number of times, this flag is not set to 1. This
flag is set only when the arbitration has been lost and
the wait state is entered.
[Setting condition]
• When the arbitration has been lost during data
transmission and the transmission has been
terminated
[Clearing condition]
• When 1 is written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com