Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 948 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 948 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 944Page - Renesas Technology Corp SH7261 Datasheet HTML 945Page - Renesas Technology Corp SH7261 Datasheet HTML 946Page - Renesas Technology Corp SH7261 Datasheet HTML 947Page - Renesas Technology Corp SH7261 Datasheet HTML 948Page - Renesas Technology Corp SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 916 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
TXEACK
0
R/(W)*
Acknowledge Bit Status
Indicates the data received in the acknowledge bit of
the data field.
• Acknowledge bit other than in the data field
The IEB terminates the transmission and enters the
wait state if a NAK is received. In this case, this bit
is set to 1.
• Acknowledge bit in the data field
The IEB retransmits data up to the maximum
number of bytes defined by the communications
mode until an ACK is received from the receive unit
if a NAK is received from the receive unit during
data field transmission. In this case, when an ACK
is received from the receive unit during
retransmission, this flag is not set and transmission
will be continued. When transmission is terminated
without receiving an ACK, this flag is set to 1.
Note: This flag is invalid in broadcast communications.
[Setting condition]
• When the acknowledge bit of 1 (NAK) is detected
[Clearing condition]
• When 1 is written
Note:
*
only 1 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com