Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 951 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 951 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 947Page - Renesas Technology Corp SH7261 Datasheet HTML 948Page - Renesas Technology Corp SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp SH7261 Datasheet HTML 953Page - Renesas Technology Corp SH7261 Datasheet HTML 954Page - Renesas Technology Corp SH7261 Datasheet HTML 955Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 951 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 919 of 1312
REJ09B0320-0200
20.3.18
IEBus Receive Status Register (IERSR)
IERSR detects receive busy, receive start, receive normal completion, or receive completion with
an error. Each status flag in IERSR corresponds to a bit in the IEIER that enables/disables each
interrupt. This register is cleared by writing 1 to each bit.
IERSR is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*
RX
BSY
RXS
RXF
RX
EDE
RX
EOVE
RXE
RTME
RX
EDLE
RX
EPE
Bit
Bit Name
Initial
Value
R/W
Description
7
RXBSY
1
R/(W)*
Receive Busy
Indicates that the receive data is stored in the receive
data buffer (IERB001 to IERB128). Clear this bit after
reading out all data. The next receive data cannot be
received while this bit is set.
[Setting condition]
• When all receive data has been written to the
receive data buffer.
[Clearing condition]
• When 1 is written
6
RXS
0
R/(W)*
Receive Start Detection
Indicates that the IEB starts reception.
[Setting condition]
• When the data from the master unit to message
length field has been received correctly in slave
reception
[Clearing condition]
• When 1 is written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com