Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 953 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 953 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp SH7261 Datasheet HTML 953Page - Renesas Technology Corp SH7261 Datasheet HTML 954Page - Renesas Technology Corp SH7261 Datasheet HTML 955Page - Renesas Technology Corp SH7261 Datasheet HTML 956Page - Renesas Technology Corp SH7261 Datasheet HTML 957Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 921 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
RXERTME
0
R/(W)*
Receive Timing Error
Set to 1 if data is not received at the time specified by
the IEB protocol during data reception. The IEB sets
this bit and enters the wait state. This flag is enabled
only after the receive start flag (RXS) is set. If this error
occurs before the receive start flag (RXS) is set, the
IEB stops communication and enters the wait state.
This bit is not set in this case.
[Setting condition]
• When a timing error occurs during data reception
[Clearing condition]
• When 1 is written
1
RXEDLE
0
R/(W)*
Overflow of Maximum Number of Receive Bytes in One
Frame
Indicates that the data reception has not finished within
the maximum number of bytes defined by the
communications mode because of a parity error or
overrun error causing the retransfer of data, or that
reception has not been completed because the
message length value exceeds the maximum number
of receive bytes in one frame. The IEB sets the
RXEDLE flag and enters the wait state. This flag is
enabled only after the receive start flag (RXS) is set. If
this error occurs before the receive start flag is set, the
IEB stops communication and enters the wait state.
This bit is not set in this case.
[Setting condition]
• When the reception has not been completed within
the maximum number of bytes defined by
communications mode.
[Clearing condition]
• When 1 is written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com