Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 949 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 949 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 945Page - Renesas Technology Corp SH7261 Datasheet HTML 946Page - Renesas Technology Corp SH7261 Datasheet HTML 947Page - Renesas Technology Corp SH7261 Datasheet HTML 948Page - Renesas Technology Corp SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp SH7261 Datasheet HTML 953Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 917 of 1312
REJ09B0320-0200
20.3.17
IEBus Transmit Interrupt Enable Register (IEIET)
IEIET enables/disables interrupts for sources such as transmit start, transmit normal completion,
and transmit error completion in IETSR.
IEIET is initialized by a power-on reset or in deep standby.
76543210
Bit:
Initial value:
R/W:
00000000
R
R/W
R/W
R
R/W
R/W
R/W
R/W
—
TXSE
TXFE
—
TX
EALE
TXE
TTMEE
TX
EROE
TXE
ACKE
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
TXSE
0
R/W
Transmit Start Interrupt Enable
Enables/disables a transmit start (TXS) interrupt.
0: Disables a transmit start (TXS) interrupt
1: Enables a transmit start (TXS) interrupt
5
TXFE
0
R/W
Transmit Normal Completion Interrupt Enable
Enables/disables a transmit normal completion (TXF)
interrupt.
0: Disables a transmit normal completion (TXF)
interrupt
1: Enables a transmit normal completion (TXF) interrupt
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
TXEALE
0
R/W
Arbitration Loss Interrupt Enable
Enables/disables an arbitration loss (TXEAL) interrupt.
0: Disables an arbitration loss (TXEAL) interrupt
1: Enables an arbitration loss (TXEAL) interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com