Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 952 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 952 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 948Page - Renesas Technology Corp SH7261 Datasheet HTML 949Page - Renesas Technology Corp SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp SH7261 Datasheet HTML 953Page - Renesas Technology Corp SH7261 Datasheet HTML 954Page - Renesas Technology Corp SH7261 Datasheet HTML 955Page - Renesas Technology Corp SH7261 Datasheet HTML 956Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 952 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 920 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
RXF
0
R/(W)*
Receive Normal Completion
Indicates that data for the number of bytes specified by
the message length bits has been received normally.
[Setting condition]
• When data for the number of bytes specified by the
message length bits has been received normally.
[Clearing condition]
• When 1 is written
4
RXEDE
0
R/(W)*
Broadcast Receive Error
Indicates that data could not be received because the
receive buffer is not in the receive enabled state (when
the RE bit is not set to 1 or the RXBSY flag is set.)
during receiving control field broadcast reception. This
bit functions when the DEE bit in IECTR is set to 1.
[Setting condition]
• When data could not be received during broadcast
reception.
[Clearing condition]
• When 1 is written
3
RXEOVE
0
R/(W)*
Receive Overrun Flag
Used to indicate the overrun during data reception. The
IEB sets this flag when the IEB receives the next byte
data while the receive data has not been read (the
RXBSY flag is not cleared). If this case, the IEB
assumes that an overrun error has occurred and
returns a NAK to the communications destination unit.
The communications destination unit retransmits data
up to the maximum number of transmit bytes. The IEB,
however, returns a NAK when the RXBSY flag remains
set.
If the RXBSY flag is cleared to 0, the IEB returns an
ACK, and receives the next data.
In broadcast reception, if the RXBSY flag is set during
data receive start, the IEB immediately enters the wait
state. This flag becomes enabled only after the receive
start flag (RXS) is set.
[Setting condition]
• When the next byte data is received while the
RXBSY flag is not cleared.
[Clearing condition]
• When 1 is written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com