Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 954 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 954 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 950Page - Renesas Technology Corp SH7261 Datasheet HTML 951Page - Renesas Technology Corp SH7261 Datasheet HTML 952Page - Renesas Technology Corp SH7261 Datasheet HTML 953Page - Renesas Technology Corp SH7261 Datasheet HTML 954Page - Renesas Technology Corp SH7261 Datasheet HTML 955Page - Renesas Technology Corp SH7261 Datasheet HTML 956Page - Renesas Technology Corp SH7261 Datasheet HTML 957Page - Renesas Technology Corp SH7261 Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 922 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
RXEPE
0
R/(W)*
Parity Error
Indicates that a parity error has occurred during data
field reception. If a parity error occurs before data field
reception, the IEB immediately enters the wait state
and the RXEPE flag is not set.
If a parity error occurs when the maximum number of
receive bytes in one frame have not been received, the
RXEPE flag is not set yet. When a parity error occurs,
the IEB returns a NAK to the communications
destination unit via the acknowledge bit. In this case,
the communications destination unit continues
retransfer up to the maximum number of receive bytes
in one frame and if the reception has been completed
normally by clearing the parity error, the RXEPE flag is
not set. If the parity error is not cleared when the
reception is terminated before receiving data for the
number of bytes specified by the message length, the
RXEPE flag is set.
In broadcast reception, if a parity error occurs during
data field reception, the IEB enters the wait state
immediately after setting the RXEPE flag. This flag is
enabled only after the receive start flag (RXS) is set. If
this error occurs before the receive start flag is set, the
IEB stops communication and enters the wait state.
This bit is not set in this case.
[Setting condition]
• When the parity bit of the last data of the data field
is not correct after the maximum number of receive
bytes have been received
[Clearing condition]
• When 1 is written
Note:
*
only 1 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com