Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 922 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 922 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp SH7261 Datasheet HTML 920Page - Renesas Technology Corp SH7261 Datasheet HTML 921Page - Renesas Technology Corp SH7261 Datasheet HTML 922Page - Renesas Technology Corp SH7261 Datasheet HTML 923Page - Renesas Technology Corp SH7261 Datasheet HTML 924Page - Renesas Technology Corp SH7261 Datasheet HTML 925Page - Renesas Technology Corp SH7261 Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 890 of 1312
REJ09B0320-0200
(2)
Data Command Transfer (Control Bits: Read (H'3, H'7), Write (H'A, H'B, H'E, H'F))
In the case of data read (H'3, H'7), data in the data buffer of the slave unit is read in the master
unit. In the case of data write (H'B or H'F) or command write (H'A or H'E), data received in the
slave unit is processed in accordance with the operation specification of the slave unit.
Notes: 1. The user can select data and commands freely in accordance with the system.
2. H'3, H'A, or H'B may lock depending on the communications condition and status.
(3)
Locked Address Read (Control Bits: H
′4, H′5)
In the case of the locked address read (H'4 or H'5), the address (12 bits) of the master unit which
issues the lock instruction is configured in bytes as shown in figure 20.3.
SDA
SCL
S
SLA
R/
W
A
9
8
1-7
9
8
1-7
9
8
1-7
DATA
A
DATA
A
P
Figure 20.3 Locked Address Configuration
(4)
Locking/Unlocking (Control Bits: Setting (H'3, H'A, H'B), Cancellation: (H'6))
The lock function is used for message transfer over multiple communications frames. A locked
unit receives data only from the unit which locked it.
Locking and unlocking are described below.
(a)
Locking
When an acknowledge bit of 0 in the message length field is transmitted/received with the control
bits (H'3, H'A, H'B) indicating the lock operation, and then the communications frame is
completed before completion of data transmission/reception for the number of bytes specified by
the message length bits, the slave unit is locked by the master unit. In this case, the bit (bit 2)
relevant to locking in the byte data indicating the slave status is set to 1.
Lock is set only when the number of data exceeds the maximum number of transfer bytes in one
frame. Lock is not set by other error terminations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com