Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 918 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 918 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 914Page - Renesas Technology Corp SH7261 Datasheet HTML 915Page - Renesas Technology Corp SH7261 Datasheet HTML 916Page - Renesas Technology Corp SH7261 Datasheet HTML 917Page - Renesas Technology Corp SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp SH7261 Datasheet HTML 920Page - Renesas Technology Corp SH7261 Datasheet HTML 921Page - Renesas Technology Corp SH7261 Datasheet HTML 922Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 918 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 886 of 1312
REJ09B0320-0200
(7)
Parity bit
The parity bit is used to confirm that transfer data occurs with no errors.
The parity bit is added to respective data of the master address, slave address, control, message
length, and data bits.
Even parity is used. When the number of bits having the value 1 is odd, the parity bit is 1. When
the number of bits having the value 1 is even, the parity bit is 0.
(8)
Acknowledge bit
In normal communications (single unit to single unit communications), the acknowledge bit is
added in the following positions to confirm that data is correctly accepted.
• At the end of the slave address field
• At the end of the control field
• At the end of the message length field
• At the end of the data field
The acknowledge bit is defined below.
• 0: indicates that the transfer data is acknowledged. (ACK)
• 1: indicates that the transfer data is not acknowledged. (NAK)
Note that the acknowledge bit is ignored in the case of broadcast communications.
(a)
Acknowledge bit at the End of the Slave Address Field
The acknowledge bit at the end of the slave address field becomes NAK in the following cases and
transfer is stopped.
• When the parity of the master address or slave address bits is incorrect
• When a timing error (an error in bit format) occurs
• When there is no slave unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com