Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 911Page - Renesas Technology Corp SH7261 Datasheet HTML 912Page - Renesas Technology Corp SH7261 Datasheet HTML 913Page - Renesas Technology Corp SH7261 Datasheet HTML 914Page - Renesas Technology Corp SH7261 Datasheet HTML 915Page - Renesas Technology Corp SH7261 Datasheet HTML 916Page - Renesas Technology Corp SH7261 Datasheet HTML 917Page - Renesas Technology Corp SH7261 Datasheet HTML 918Page - Renesas Technology Corp SH7261 Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 883 of 1312
REJ09B0320-0200
The master unit enters the subsequent message length field output state after confirming the
acknowledgement.
When the acknowledgement is not confirmed, the master unit enters the waiting (monitor) state,
and communications ends. However, in the case of broadcast communications, the master unit
enters the following message length field output state without confirming the acknowledgement.
For details of the contents of the control bit, see table 20.4.
(5)
Message Length Field
The message length field is a field for specifying the number of transfer bytes. The message length
field is comprised of message length bits, a parity bit, and an acknowledge bit.
The message length has eight bits and the MSB is output first. Table 20.3 shows the number of
transfer bytes.
Table 20.3
Contents of Message Length bits
Message Length bits (Hexadecimal)
Number of Transfer Bytes
H'01
H'02
:
H'FF
H'00
1 byte
2 bytes
:
255 bytes
256 bytes
Note:
If a number greater than the maximum number of transfer bytes in one frame is specified,
communications are done in multiple frames depending on the communications mode. In
this case, the message length bits indicate the number of remaining communications data
after the first transfer. In this LSI, the message length bits must be smaller than the
maximum number of transfer bytes in one frame. Set these within the ranges shown below.
Mode 0: 1 to 16 bytes
Mode 1: 1 to 32 bytes
Mode 2: 1 to 128 bytes
This field operation differs depending on the value of bit 3 in the control field: master
transmission (the bit 3 of the control bits is 1) or master reception (the bit 3 of the control bits is
0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com