| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 921 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 921 Page - Renesas Technology Corp |
|
921 / 1348 page ![]() Section 20 IEBus TM Controller (IEB) [R5S72612] [R5S72613] Rev. 2.00 Sep. 07, 2007 Page 889 of 1312 REJ09B0320-0200 Table 20.5 Control Field for Locked Slave Unit Setting Value Bit 3 Bit 2 Bit 1 Bit 0 Function H'0 0 0 0 0 Reads slave status H'4 0 1 0 0 Reads locked address (upper 8 bits) H'5 0 1 0 1 Reads locked address (lower 4 bits) (1) Slave Status Read (Control Bits: H'0, H'6) The master unit can decide the reason the slave unit does not return the acknowledgement (ACK) by reading the slave status (H'0, H'6). The slave status indicates the result of the last communications that the slave unit performed. All slave units can provide slave status information. Figure 20.2 shows the bit configuration of the slave status. MSB Bit 7 Notes: 1. Since this LSI can support up to mode 2, bits 6 and 7 are fixed to 10. 2. The value of bit 4 can be selected by the STE bit in the IEBus master unit address register 1 (IEAR1). 3. The slave receive buffer is a buffer which is accessed during data write (control bits: H'A, H'B, H'E, H'F). In this LSI, the slave receive buffer corresponds to the IEBus receive buffer register (IERB001 to IERB128); and bit 1 is the value of the RXBSY flag in the IEBus receive status register (IERSR). 4. The slave transmit buffer is a buffer which is accessed during data read (control bits: H'3, H'7). In this LSI, the slave transmit buffer corresponds to the IEBus transmit buffer register (IETB001 to IETB128) and bit 0 is the value of the SRQ bit in the IEBus general flag registers (IEFLG). Bit 7, bit 6 Bit 5 Bit 3 Bit 2 Bit 4*2 Bit 1*3 Bit 0*4 00 01 10 11 Mode 0 Indicates the highest mode supported by a unit. *1 Mode 1 Mode 2 For future use Fixed 0 Fixed 0 Slave transmission halted Slave transmission enabled Slave receive buffer is empty Slave receive buffer is not empty Slave transmit buffer is empty Slave transmit buffer is not empty Unit is unlocked Unit is locked 0 0 0 0 1 1 1 1 0 0 Bit Value Description Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 LSB Figure 20.2 Bit Configuration of Slave Status (SSR) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |