Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1128 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1128 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1124Page - Renesas Technology Corp SH7261 Datasheet HTML 1125Page - Renesas Technology Corp SH7261 Datasheet HTML 1126Page - Renesas Technology Corp SH7261 Datasheet HTML 1127Page - Renesas Technology Corp SH7261 Datasheet HTML 1128Page - Renesas Technology Corp SH7261 Datasheet HTML 1129Page - Renesas Technology Corp SH7261 Datasheet HTML 1130Page - Renesas Technology Corp SH7261 Datasheet HTML 1131Page - Renesas Technology Corp SH7261 Datasheet HTML 1132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1128 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1096 of 1312
REJ09B0320-0200
25.1.5
Port C I/O Registers H and L (PCIORH and PCIORL)
PCIORH and PCIORL are 16-bit readable/writable registers that select the I/O direction for the
port C pins. Bits PC21IOR to PC0IOR correspond to pins PC21 to PC0, respectively. PCIORH
and PCIORL are enabled when the function of the port C pins is set to general-purpose I/O (PC21
to PC0) and to TIOC I/O (MTU2) by PCCR, and are disabled in other cases. When a bit in
PCIORH and PCIORL is set to 1, the corresponding pin is set to output, and when set to 0, the pin
is set to input.
Bits 15 to 6 in PCIORH are reserved. These bits are always read as 0. The write value should
always be 0.
PCIORH and PCIORL are initialized to H'0000 by a power-on reset or by switching to deep
standby mode. These registers are not initialized either by a manual reset or by switching to sleep
mode or software standby mode.
(1)
Port C I/O Register H (PCIORH)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
—————
—
R
—
R
—
R
—
R
—
PC21
IOR
PC20
IOR
PC19
IOR
PC18
IOR
PC17
IOR
PC16
IOR
(2)
Port C I/O Register L (PCIORL)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PC15
IOR
PC14
IOR
PC13
IOR
PC12
IOR
PC11
IOR
PC10
IOR
PC9
IOR
PC8
IOR
PC7
IOR
PC6
IOR
PC5
IOR
PC4
IOR
PC3
IOR
PC2
IOR
PC1
IOR
PC0
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com