Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1129 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1129 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1125Page - Renesas Technology Corp SH7261 Datasheet HTML 1126Page - Renesas Technology Corp SH7261 Datasheet HTML 1127Page - Renesas Technology Corp SH7261 Datasheet HTML 1128Page - Renesas Technology Corp SH7261 Datasheet HTML 1129Page - Renesas Technology Corp SH7261 Datasheet HTML 1130Page - Renesas Technology Corp SH7261 Datasheet HTML 1131Page - Renesas Technology Corp SH7261 Datasheet HTML 1132Page - Renesas Technology Corp SH7261 Datasheet HTML 1133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1097 of 1312
REJ09B0320-0200
25.1.6
Port C Control Registers 1 to 7 (PCCR1 to PCCR7)
PCCR1 to PCCR7 are 16-bit readable/writable registers that select the functions of the
multiplexed port C pins. When IRQ3B to IRQ0B are selected, do not set A input for the same
interrupt.
PCCR2, PCCR5, PCCR6, and PCCR7 are initialized to H'0000 by a power-on reset or by
switching to deep standby mode. PCCR1 is initialized to H'0001 and PCCR3 and PCCR4 are
initialized to the values shown in table 25.9 by a power-on reset or by switching to deep standby
mode. These registers are not initialized either by a manual reset or by switching to sleep mode or
software standby mode.
Table 25.9
Port C Control Register Initial Values
Initial value
Register
Area 0: 32-Bit Mode
Area 0: 16-Bit Mode
Area 0: 8-Bit Mode
PCCR4
H'0001
H'0000
H'0000
PCCR3
H'1111
H'0111
H'0011
(1)
Port C Control Register 7 (PCCR7)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R
R
R/W
R/W
——————————
PC25MD1[1:0]
——
PC24MD1[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 6
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5, 4
PC25MD
[1:0]
00
R/W
PC25 Mode
These bits control the function of the PC25/IRQ3B/
SDA1 pin.
00: PC25 input (port)
01: IRQ3B input (INTC)
10: Setting prohibited
11: SDA1 I/O (IIC3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com