Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1130 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1130 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1126Page - Renesas Technology Corp SH7261 Datasheet HTML 1127Page - Renesas Technology Corp SH7261 Datasheet HTML 1128Page - Renesas Technology Corp SH7261 Datasheet HTML 1129Page - Renesas Technology Corp SH7261 Datasheet HTML 1130Page - Renesas Technology Corp SH7261 Datasheet HTML 1131Page - Renesas Technology Corp SH7261 Datasheet HTML 1132Page - Renesas Technology Corp SH7261 Datasheet HTML 1133Page - Renesas Technology Corp SH7261 Datasheet HTML 1134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1130 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1098 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3, 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1, 0
PC24MD
[1:0]
00
R/W
PC24 Mode
These bits control the function of the PC24/IRQ2B/
SCL1 pin.
00: PC24 input (port)
01: IRQ2B input (INTC)
10: Setting prohibited
11: SCL1 I/O (IIC3)
(2)
Port C Control Register 6 (PCCR6)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R/W
R/W
——
PC23MD[1:0]
PC22MD[1:0]
PC21MD[1:0]
——
——
—
PC20MD[1:0]
—
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13, 12
PC23MD
[1:0]
00
R/W
PC23 Mode
These bits control the function of the PC23/IRQ1B/
SDA0 pin.
00: PC23 input (port)
01: IRQ1B input (INTC)
10: Setting prohibited
11: SDA0 I/O (IIC3)
11, 10
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com