Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1136 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1136 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1132Page - Renesas Technology Corp SH7261 Datasheet HTML 1133Page - Renesas Technology Corp SH7261 Datasheet HTML 1134Page - Renesas Technology Corp SH7261 Datasheet HTML 1135Page - Renesas Technology Corp SH7261 Datasheet HTML 1136Page - Renesas Technology Corp SH7261 Datasheet HTML 1137Page - Renesas Technology Corp SH7261 Datasheet HTML 1138Page - Renesas Technology Corp SH7261 Datasheet HTML 1139Page - Renesas Technology Corp SH7261 Datasheet HTML 1140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1136 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1104 of 1312
REJ09B0320-0200
(6)
Port C Control Register 2 (PCCR2)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R/W
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R/W
R/W
——
—
PC7
MD0
PC6MD[1:0]
PC5MD[1:0]
——
—
—
—
PC4MD[1:0]
—
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13 —
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
12
PC7MD0
0
R/W
PC7 Mode
This bit controls the function of the PC7/
SDCS0 pin.
0: PC7 I/O (port)
1:
SDCS0 output (BSC)
11, 10
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9, 8
PC6MD[1:0] 00
R/W
PC6 Mode
These bits control the function of the PC6/
CS6/
SCK5/TCLKA pin.
00: PC6 I/O (port)
01:
CS6 output (BSC)
10: SCK5 I/O (SCIF)
11: TCLKA input (MTU2)
7, 6
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5, 4
PC5MD[1:0] 00
R/W
PC5 Mode
These bits control the function of the PC5/
CS5/
RxD5/TIOC1B pin.
00: PC5 I/O (port)
01:
CS5 output (BSC)
10: RxD5 input (SCIF)
11: TICO1B I/O (MTU2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com